PART |
Description |
Maker |
IRG4PC50UPBF |
55 A, 600 V, N-CHANNEL IGBT, TO-247AC INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
|
International Rectifier
|
IRG4BC30U-S |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A) 绝缘栅双极晶体管IGBT的速度超快速(VCES和\u003d 600V电压的Vce(on)的典型。\u003d 1.95V,@和VGE \u003d 15V的,集成电路\u003d 12A条) 600V UltraFast 8-60 kHz Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp.
|
20MT120UF 20MT120UFPBF |
40 A, 1200 V, N-CHANNEL IGBT MTP, 18 PIN UltraFast NPT IGBT 1200V UltraFast 10-30 kHz Full-Bridge IGBT in a MTP package
|
Vishay Semiconductors IRF[International Rectifier]
|
GB100TS60NPBF |
Ultrafast Speed IGBT
|
Vishay Siliconix
|
IRG4PH40UD2-E IRG4PH40UD2-EPBF |
41 A, 1200 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1200V UltraFast 5-40 kHz Copack IGBT in a TO-247AD package
|
IRF[International Rectifier]
|
IRG4BC10KD IRG4BC10KDPBF |
9 A, 600 V, N-CHANNEL IGBT, TO-220AB INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRG4BC30U-S IRG4BC30US |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT(Vces=600V, Vce(on)typ. = 1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4RC10KD IRG4RC10 IRG4RC10KDTRR |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 5A I(C) | TO-252AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 5A条一(c)|52AA INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.39V, @Vge=15V, Ic=5.0A) 600V UltraFast 8-25 kHz Copack IGBT in a D-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
BUP200D Q67040-A4420-A2 BUP200-D |
IGBT With Antiparallel Diode (Low forward voltage drop High switching speed Low tail current Latch-up free) 3.6 A, 1200 V, N-CHANNEL IGBT, TO-220AB High Speed CMOS Logic 7-Stage Binary Ripple Counter 14-SOIC -55 to 125 由于IGBT的反平行二极管(低正向压降高开关速度低尾电流闭锁免费 From old datasheet system IGBT Duopack (IGBT with Antiparallel ...
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
IRG4PC60UPBF |
INSULATED GATE BIPOLAR TRANSISTOR UltraFast Speed IGBT
|
International Rectifier
|
IRGP35B60PD04 IRGP35B60PD IRGP35B60PDPBF |
WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE SMPS IGBT
|
International Rectifier
|
CPV362MK |
IGBT SIP MODULE Short Circuit Rated UltraFast IGBT
|
IRF[International Rectifier]
|